Part Number Hot Search : 
D106X 2045C AD234AR 1N3006 SMART C7812CT TC9297 2SK15
Product Description
Full Text Search
 

To Download BDX33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package *High DC current gain *DARLINGTON *Complement to type BDX34/A/B/C APPLICATIONS *For power linear and switching applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BDX33/A/B/C
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER BDX33 VCBO Collector-base voltage BDX33A BDX33B BDX33C BDX33 VCEO Collector-emitter voltage BDX33A BDX33B BDX33C VEBO IC ICM IB PC Tj Tstg Emitter-base voltage Collector current-DC Collector current-Pulse Base current Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base Open emitter CONDITIONS VALUE 45 60 80 100 45 60 80 100 5 10 15 0.25 70 150 -65~150 V A A A W V V UNIT
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.78 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER BDX33 Collector-emitter sustaining voltage BDX33A IC=0.1A, IB=0 BDX33B BDX33C Collector-emitter saturation voltage BDX33/33A BDX33B/33C BDX33/33A BDX33B/33C BDX33 Collector cut-off current BDX33A BDX33B BDX33C BDX33 Collector cut-off current BDX33A BDX33B BDX33C IEBO hFE Emitter cut-off current BDX33/33A DC current gain BDX33B/33C VF Forward diode voltage IC=3A ; VCE=3V IF=8A IC=4A ,IB=8mA 80 100 CONDITIONS MIN 45 60 SYMBOL
BDX33/A/B/C
TYP.
MAX
UNIT
VCEO(SUS)
V
VCEsat
2.5 IC=3A ,IB=6mA IC=4A ; VCE=3V 2.5 IC=3A ; VCE=3V VCB=45V, IE=0 VCB=60V, IE=0 0.2 VCB=80V, IE=0 VCB=100V, IE=0 VCE=22V, IB=0 VCE=30V, IB=0 0.5 VCE=40V, IB=0 VCE=50V, IB=0 VEB=5V; IC=0 IC=4A ; VCE=3V 750 5
V
VBE
Base-emitter on voltage
V
ICBO
mA
ICEO
mA
mA
4.0
V
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BDX33/A/B/C
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BDX33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X